PART |
Description |
Maker |
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
HAT1093C-EL-E HAT1095C-EL-E HAT1095C HAT1093C |
2000 mA, 12 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Silicon P Channel MOSFET Power Switching Silicon P Channel MOS FET Power Switching
|
Renesas Electronics Corporation
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
2SK2530 2SK2530TP-FA |
2000 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SK3925-01 |
XTAL CER SMT 6X3.5 2PAD 34 A, 250 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
Q62702-F1772 BF2000W |
From old datasheet system Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise/ gain-controlled input stages up to 1 GHz) Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz) UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, MOSFET
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2SK3512-01L 2SK3512-S 2SK3512-SJ 2SK3512 2SK3512-0 |
N-CHANNEL SILICON POWER MOSFET N沟道功率MOSFET MOSFETs 12 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
2SK947 2SK947-MR |
N-CHANNLEL SILICON POWER MOSFET 12 A, 250 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNLEL SILICON POWER MOSFET - CHANNLEL硅功率MOSFET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
|